Part Number Hot Search : 
SKR15 1N6165E3 PHC15 LTM4604 DG381A SOA06 37100 3266Y105
Product Description
Full Text Search
 

To Download SA100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
SA5.0 THRU SA170CA
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE RANGE - 5.0 to 170 Volts PEAK PULSE POWER - 500 Watts
FEATURES
* Glass passivated junction * 500 Watts Peak Pulse Power capability on 10/1000 s waveform * Excellent clamping capability * Low zener impedance * Fast response time
DO-15
MECHANICAL DATA
* * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes positive end (cathode) except bidirectional types * Mounting position: Any * Weight: 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load, For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix (e.g. SA5.0C, SA170CA) Electrical characteristics apply in both directions
SYMBOL Peak Pulse Power Dissipation on 10/1000 s waveform (Note1,FIG.1) Steady State Power Dissipation at TL = 75oC Lead Lengths .375*( 9.5 mm ) ( Note 2 ) Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load( JEDEC Method ) ( Note 3 ) Maximum Instantaneous Forward Voltage at 35A for Unidirectional Only Operating and Storage Temperature Range IFSM 70 Amps PM (AV) 1.0 Watts PPPM VALUE Minimum 500 UNITS Watts
VF TJ, TSTG
3.5 -65 to + 175
Volts
0
C
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25oC per Fig.2. 2. Mounted on Copper Leaf area of 1.6 X 1.6" (40X40 mm) per Fig. 5 3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
168
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
RATING AND CHARACTERISTIC CURVES ( SA5.0 THRU SA170CA )
8 6 4
DC COMPONENTS CO., LTD.
R
169
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
SA (500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 SA5.0A SA6.0 SA6.0A SA6.5 SA6.5A SA7.0 SA7.0A SA7.5 SA7.5A SA8.0 SA8.0A SA8.5 SA8.5A SA9.0 SA9.0A SA10 SA10A S A 11 S A 11 A SA12 SA12A SA13 SA13A SA14 SA14A SA15 SA15A SA16 SA16A SA17 SA17A SA18 SA18A SA20 SA20A SA22 SA22A SA24 SA24A SA26 SA26A SA28 SA28A SA30 SA30A SA33 SA33A
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11 . 1 11 . 1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11 . 5 10.4 12.2 11 . 1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 4.06
10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 11 . 0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11 . 0 11 . 0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0
600 600 600 600 400 400 150 150 50 50 25 25 10 10 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
52.0 54.3 43.9 48.5 40.7 44.7 37.8 41.7 35.0 38.8 33.3 36.7 31.4 34.7 29.5 32.5 26.6 29.4 24.9 27.4 22.7 25.1 21.0 23.2 19.4 21.5 18.8 20.6 17.6 19.2 16.4 18.1 15.5 17.2 13.9 15.4 12.7 14.1 11 . 6 12.8 10.7 11 . 9 9.9 11 . 0 9.3 10.3 8.6 9.4
9.6 9.2 11 . 4 10.3 12.3 11 . 2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.5
DC COMPONENTS CO., LTD.
R
170
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
SA (500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
SA36 SA36A SA40 SA40A SA43 SA43A SA45 SA45A SA48 SA48A SA51 SA51A SA54 SA54A SA58 SA58A SA60 SA60A SA64 SA64A SA70 SA70A SA75 SA75A SA78 SA78A SA85 SA85A SA90 SA90A SA100 SA100A S A 11 0 S A 11 0 A SA120 SA120A SA130 SA130A SA150 SA150A SA160 SA160A SA170 SA170A
40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189
48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 11 5 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.6 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 11 0 11 0 120 120 130 130 150 150 160 160 170 170
3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
7.8 8.6 7.0 7.8 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2.0 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8
64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 11 4 103 125 11 3 134 121 139 126 151 137 160 146 179 162 196 177 214 193 230 209 268 243 257 259 304 275
N O T E S : 1.VBR measured after IT applied for 300s. IT = Square Wave Pulse or equivalent. 2.For bidirectonal use C or CA suffixs for all types (ex. SA5.0C, SA170CA). electrical characteristics apply in both directions. 3.For bidirectional types having VWM of 10 volts and less, the ID limit is doubled.
DC COMPONENTS CO., LTD.
R
171
NEXT NEXT NEXT
EXIT BACK BACK EXI BACK EXIT


▲Up To Search▲   

 
Price & Availability of SA100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X